Part Number Hot Search : 
MDR2100 H2008 MAX5200 6KE30A F1405Z AAT4901 54HSC AD561S
Product Description
Full Text Search
 

To Download 2SD2081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD2081
DESCRIPTION *High DC Current Gain: hFE= 2000(Min)@ (VCE= 4V, IC= 5A) *Large Current Capability *Complement to Type 2SB1259
APPLICATIONS *Driver for solenoid, motor and general purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE UNIT 120 V 120 V 6 V 10 A 15 A 1 A
.cn mi e
IC
Collector Current-Continuous
ICM
Collector Current-Pulse
IB
Base Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature
PC
30
W
TJ
150
Tstg
Storage Temperature
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD2081
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA; IB= 0
120
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 5mA
B
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 5mA
B
2.0
V A
ICBO
Collector Cutoff Current
VCB= 120V; IE= 0
10
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
10
mA
hFE
DC Current Gain
IC= 5A; VCE= 4V
COB
Output Capacitance
fT
Current-Gain--Bandwidth Product
w w
scs .i w
IE= 0; VCB= 10V; ftest= 1.0MHz
IE= -0.5A; VCE= 12V
.cn mi e
2000
95
pF
60
MHz
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD2081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X